PART |
Description |
Maker |
ICL7665S06 ICL7665SAIBAZA ICL7665SAIPAZ ICL7665SIB |
CMOS Micropower Over/Under Voltage Detector; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R
|
INTERSIL[Intersil Corporation]
|
SL6521CB-T |
PWM Buck DC/DC and Triple Linear Power Controller; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R
|
INTERSIL CORP
|
LT1800CS5TRMPBF |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
ISL6312CRZ-TK |
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications; Temperature Range: 0°C to 70°C; Package: 48-QFN T&R
|
INTERSIL CORP
|
NCP1422MNR2 |
800 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer
|
ON SEMICONDUCTOR
|
ISL9205IRZ-T |
Li-ion Battery Charger; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC16
|
Intersil, Corp.
|
EL5251IYZ-T7 |
200MHz Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
Intersil, Corp.
|
DG403DY-T |
Monolithic CMOS Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO16
|
Intersil, Corp.
|
ISL97650BIRTZ-TK |
4-Channel Integrated LCD Supply; Temperature Range: -25°C to 85°C; Package: 36-TQFN T&R
|
INTERSIL CORP
|
EDL1300TX050TTL |
Programmable VCOM; Temperature Range: -40°C to 85°C; Package: 24-QFN T&R 光纤变送器
|
TT electronics Semelab, Ltd.
|
X40231S16I-BT1 X40239S16I-AT1 X40237S16I-AT1 |
Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R 3-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Intersil, Corp. INTERSIL CORP
|